PART |
Description |
Maker |
STP2NC60 STP2NC60FP 7506 |
N-CHANNEL 600V - 7ohm - 1.9A - TO-220/TO-220FP PowerMesh?II MOSFET N-CHANNEL 600V 7 OHM 1.9A TO-220-TO-220FP POWERME N-CHANNEL 600V 7 OHM 1.9A TO-220/TO-220FP POWERMESH II MOSFET From old datasheet system N-CHANNEL 600V - 7ohm - 1.9A - TO-220/TO-220FP PowerMesh⑩II MOSFET N-CHANNEL 600V 7 OHM 1.9A TO-220/TO-220FP POWERMESH II MOSFET
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
SSW4N60B SSI4N60B SSI4N60BTU SSW4N60BTM |
600V N-Channel MOSFET 4 A, 600 V, 2.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263 600V N-Channel B-FET / Substitute of SSI4N60A 600V N-Channel B-FET / Substitute of SSW4N60A
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FCA16N60N |
600V N-Channel MOSFET SupreMOS™; 3-TO-3PN 16 A, 600 V, 0.199 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel MOSFET 600V, 16A, 0.170W
|
Fairchild Semiconductor, Corp.
|
FQI12N60C FQB12N60C FQB12N60CTM |
600V N-Channel MOSFET 12 A, 600 V, 0.65 ohm, N-CHANNEL, Si, POWER, MOSFET 600V N-Channel Advance QFET C-Series
|
http:// FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
NDF10N60ZG |
10A 600V 0.65 Ohm Single N-Channel TO-220FP MOSFET 6 A, 600 V, 0.75 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
ON Semiconductor
|
STW12NC60 7175 |
N-CHANNEL 600V 0.48 OHM 12A TO-247 POWERMESH II MOSFET From old datasheet system N-CHANNEL 600V 0.48 OHM 12A TO-247 POWERMESH II MOSFET
|
ST Microelectronics STMicroelectronics
|
MMP60R750PTH |
600V 0.75(ohm) N-channel MOSFET
|
MagnaChip Semiconductor...
|
STP9NK60ZFP STP9NK60Z STB9NK60Z STB9NK60-1 STB9NK6 |
N-CHANNEL 600V 0.85 OHM 7A TO-220/TO-220FP/D2PAK/I2PAK ZENER-PROTECTED SUPERMESH POWER MOSFET N沟道600V.85欧姆7A条TO-220/TO-220FP/D2PAK/I2PAK稳压保护SUPERMESH功率MOSFET N-CHANNEL 600V 0.85 OHM 7A TO-220/TO-220FP/D2PAK/I2PAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 600V - 0.85OHM - 7A TO-220/FP/D2PAK/I2PAK ZENER-PROTECTED SUPERMESH⒙POWER MOSFET N-CHANNEL 600V - 0.85ohm - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 600V - 0.85ohm - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH?Power MOSFET
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STB11NM60FD STB11NM60FD-1 STB11NM60FDT4 STP11NM60F |
11 A, 600 V, 0.45 ohm, N-CHANNEL, Si, POWER, MOSFET N-CHANNEL 600V - 0.40ohm - 11A TO-220 / TO-220FP/I2PAK FDmeshPower MOSFET with FAST DIODE N沟道600V 0.40ohm - 11A 220 / TO-220FP/I2PAK FDmesh?功率MOSFET,快速二极管 N-CHANNEL 600V - 0.40 OHM - 11A TO-220/TO-220FP/I2PAK/D2PAK FDMESH MOSFET (WITH FAST DIODE)
|
STMicroelectronics N.V. ST Microelectronics
|
STQ1NC60R |
N-CHANNEL 600V - 12ohm - 0.3A TO-92 PowerMESH?II Power MOSFET N-CHANNEL 600V 12 OHM 0.3A TO-92 POWERMESH II MOSFET N-CHANNEL 600V - 12ohm - 0.3A TO-92 PowerMESH⑩II Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STD1LNC60 STD1LNC60-1 |
N-CHANNEL 600V - 12ohm - 1A - IPAK/DPAK PowerMESH⑩II MOSFET N沟道600V 12ohm - 1A像是iPak / DPAK封装MOSFET的第二PowerMESH N-CHANNEL 600V 12 OHM 1A DPAK/IPAK POWERMESH II MOSFET N-CHANNEL 600V - 12ohm - 1A - IPAK/DPAK PowerMESH?II MOSFET
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|